PART |
Description |
Maker |
SHM60UFSMS SHM120UFSMS SHM140UFSMS SHM40UFSMS SHM8 |
50-250 mA 1500-14000 VOLTS 60-100 Nsec HIGH VOLTAGE RECTIFIER
|
SSDI[Solid States Devices, Inc]
|
SHM120SMS SHM140SMS SHM40FSMS SHM60FSMS SHM80FSMS |
50-250 mA 1500-14000 VOLTS 200 usec HIGH VOLTAGE RECTIFIER
|
Solid States Devices, I... SSDI[Solid States Devices, Inc]
|
SHM60 SHM40 SHM80 SHM100 SHM15 SHM20 SHM25 SHM30 S |
100-250 mA 1500-10000 VOLTS 5 usec HIGH VOLTAGE RECTIFIER
|
SSDI[Solid States Devices, Inc]
|
MJ21194 MJ21193 ON1989 MJ2194 |
16 A, 250 V, NPN, Si, POWER TRANSISTOR, TO-204AA From old datasheet system 16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 250 WATTS
|
MOTOROLA INC ON Semiconductor Motorola, Inc
|
MJ10021 ON1972 MJ10020 |
From old datasheet system 60 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 200 AND 250 VOLTS 250 WATTS
|
ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
MJD47 MJD47T4 MJD50 ON2006 MJD50-1 MJD50T4 MJD47-1 |
NPN SILICON POWER TRANSISTORS 1 AMPERE 250 / 400 VOLTS 15 WATTS NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS 1 A, 400 V, NPN, Si, POWER TRANSISTOR From old datasheet system NPN SILICON POWER TRANSISTORS 1 AMPERE 250 400 VOLTS 15 WATTS DPAK For Surface Mount Applications
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semiconductor
|
3403.0289.11 3403.0289.23 |
Surface Mount Fuse, 5.3 x 16 mm, Time-Lag T, 277 VAC / 250 VDC, Breaking Capacity 1500 A
|
Schurter Inc.
|
SFT1618 |
10 AMP EAST SWITCHING HIGH VOLTAGE NPN TRANSISTOR 1500 VOLTS
|
SSDI[Solid States Devices, Inc]
|
1.5KE13CA 1.5KE110CA 1.5KE11CA 1.5KE130CA 1.5KE160 |
1500 Watt Mosorb Zener Transient Voltage Suppressors 1500 Watt mosorb zener transient voltage suppressors, 200V 1500 Watt mosorb zener transient voltage suppressors, 220V 1500 Watt mosorb zener transient voltage suppressors, 170V 1500 Watt mosorb zener transient voltage suppressors, 150V 1500 Watt mosorb zener transient voltage suppressors, 120V 1500 Watt mosorb zener transient voltage suppressors, 100V 1500 Watt Mosorb Zener Transient Voltage Suppressors 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 1500 Watt mosorb zener transient voltage suppressors, 110V 1500 Watt mosorb zener transient voltage suppressors, 130V 1500 Watt mosorb zener transient voltage suppressors, 160V 1500 Watt mosorb zener transient voltage suppressors, 180V 1500 Watt mosorb zener transient voltage suppressors, 250V
|
http:// ONSEMI[ON Semiconductor]
|
MPX4250D MPX4250DP MPX4250GS MPX4250GSX |
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 250 kPa (0 to 36.3 psi) 0.2 to 4.91 Volts Output 经营概况集成压力传感250 kPa36.3 PSI)的0.2.91伏特输出 OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 250 kPa (0 to 36.3 psi) 0.2 to 4.91 Volts Output GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-36.25Psi, 1.4%, 0.20-4.90V, ROUND, THROUGH HOLE MOUNT
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
FT1500DL-8 FT1500DL FT1500DL-12 FT1500DL-16 FT1500 |
Phase Control SCR 1500 Amperes Avg 200-1200 Volts 相位控制晶闸管一千五百安培平00-1200伏特
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|